PART |
Description |
Maker |
IRFBL10N60A |
N-Channel SMPS MOSFET(N娌?? 寮??妯″??垫?MOS?烘?搴??,?ㄤ?楂????C-DC杞???? HEXFET Power MOSFET HEXFET? Power MOSFET 11 A, 600 V, 0.61 ohm, N-CHANNEL, Si, POWER, MOSFET TRANSISTOR | MOSFET | N-CHANNEL | 600V V(BR)DSS | 11A I(D) | TO-263VAR
|
IRF[International Rectifier] VISHAY SILICONIX
|
IRFB4710PBF IRFS4710PBF IRFSL4710PBF IRFS4710TRR I |
High frequency DC-DC converters HEXFET㈢ Power MOSFET HEXFET? Power MOSFET 75 A, 100 V, 0.014 ohm, N-CHANNEL, Si, POWER, MOSFET
|
International Rectifier
|
IRLL024N IRLL024NPBF IRLL024NTR |
55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package HEXFET Power MOSFET(HEXFET 功率MOS场效应管) HEXFET Power MOSFET(HEXFET ???MOS?烘?搴??) 4.4 A, 55 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-261AA
|
IRF[International Rectifier]
|
IRFP260PBF IRF6618TRPBF IRF6618PBF |
HEXFET? Power MOSFET DirectFET?Power MOSFET ? DirectFET㈢Power MOSFET ㈢ HEXFET㈢ Power MOSFET
|
International Rectifier
|
IRFZ44VL IRFZ44VS IRFZ44VSTRR |
60V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=60V, Rds(on)=16.5mohm, Id=55A) (IRFZ44VL / IRFZ44VS) Power MOSFET
|
IRF[International Rectifier]
|
IRFI634G ORFO634G |
POWER MOSFET 功率MOSFET Power MOSFET(Vdss=250V / Rds(on)=0.45ohm / Id=5.6A) 250V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package
|
International Rectifier, Corp. IRF[International Rectifier]
|
VRF148A VRF148AMP VRF148A10 |
RF MOSFET (VDMOS) for 50V operation; P(out) (W): 30; P(in) (W): 1; Gain (dB): 15; VDD (V): 50; Coss (pF): 35; Case Style: M113 VHF BAND, Si, N-CHANNEL, RF POWER, MOSFET RF POWER VERTICAL MOSFET
|
Microsemi, Corp. Microsemi Corporation
|
IXTH36N50P IXTT36N50P IXTV36N50P IXTV36N50PS IXTQ3 |
MOSFET N-CH 500V 36A TO-247 36 A, 500 V, 0.17 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-247AD PolarHV Power MOSFET
|
IXYS, Corp. IXYS Corporation
|
IRFZ30-005 IRFZ22-012 IRFZ25-012 IRF733-005PBF IRF |
30 A, 50 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 14 A, 50 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 16 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET 4.5 A, 350 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 9.2 A, 80 V, 0.27 ohm, N-CHANNEL, Si, POWER, MOSFET 28 A, 80 V, 0.077 ohm, N-CHANNEL, Si, POWER, MOSFET 2.6 A, 200 V, 2.4 ohm, N-CHANNEL, Si, POWER, MOSFET 50 A, 60 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET 10 A, 350 V, 0.55 ohm, N-CHANNEL, Si, POWER, MOSFET 3.3 A, 150 V, 1.5 ohm, N-CHANNEL, Si, POWER, MOSFET 5.6 A, 80 V, 0.54 ohm, N-CHANNEL, Si, POWER, MOSFET 30 A, 60 V, 0.05 ohm, N-CHANNEL, Si, POWER, MOSFET 13 A, 250 V, 0.34 ohm, N-CHANNEL, Si, POWER, MOSFET 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET 4.4 A, 250 V, 1.1 ohm, N-CHANNEL, Si, POWER, MOSFET
|
Bourns, Inc. Molex, Inc. VISHAY INTERTECHNOLOGY INC
|
IRL7833LPBF IRL7833PBF IRL7833SPBF IRL7833STRLPBF |
75 A, 30 V, 0.0038 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB HEXFET?Power MOSFET HEXFET㈢Power MOSFET
|
International Rectifier
|
|